Part Number Hot Search : 
XC25BS5 84NHM BYT53F PA1214 N25F40 76129S 1067659 MAU156
Product Description
Full Text Search
 

To Download 0642600000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  accessories 261 mounting bases for ts 32 and ts 35 mofu fm mb tstw mounting rail supports allow for sloped fitting of mount- ing rails at an angle of 35? three designs are available with m5, m6 threads or with a bore of 4.3 mm. the tst mounting rail support allows rails to be fitted into fram- es or above a cut-out. this design has an m5 or m6 thread (not shown). weidm?ller offers hexagon socket fixing screws for the mount- ing rail supports with a particularly low head allowing terminals also to be fitted above the screw. the sh 1 and sh 2 support blocks enable construction of insu- lated mounting rails. mounting bases are used to fix components onto mounting rails. weidm?ller offers a polyamide mounting base and a steel snap-on base for the ts 35 mounting rail. the fm 4 snap on base fits all ?op-hat?mounting rails. the pa mounting base fits the ts 35 x 7.5 and the ts 35 x 15 slotted rails. the sliding nut for ts 32 mounting rails has 2 tapped holes for m 3 + m 5 / m 6 + m 4 / m 5 + m 3 screws. it is used to fix components which cannot be directly mounted on the ts 32 and, in particular, to accept the smaller ts 15 ?op-hat?rail. in this way, for example, small terminals can first be mounted on the ts 15 and this rail can then be mounted on the ts 32 with the aid of the sliding nut together with the terminals. type cat. no. qty. tstw (m 5) 0178100000 10 tstw (m 6) 0164000000 10 tstw ?4.3 1610110000 10 tst (m 6) 0101700000 10 tst (m 5) 1286600000 10 tstw (m 5), zinc-plated 1779100000 10 fixing screw fksc m 5x8 ?9 hexagon socket sw 2.5 0295900000 50 fksc m 6x8 ?9 hexagon socket sw 3 0642600000 50 fksc m 6x12 ?9 hexagon socket sw 3 0353500000 50 type cat. no. qty. sh 1 for ts 15 0299860000 20 in pa (thermoplastics) compl. sh 1 base 0401460000 20 sh 1 bracket 0635960000 500 type cat. no. qty. sh 2 for ts 32/35 0494920000 10 in krg (thermosetting) type cat. no. qty. fm 4 (m 4) for ts 35 0687900000 40 fm 5 (m 5) for ts 35 0636800000 40 fm 6 (m 6) for ts 35 0636900000 40 fm ( 4.2) for ts 35 1724580000 40 mofu mounting foot pa orange 0646260000 with bore 20 for ts 35 x 7.5 u. 35 x 15 gel. 0495660000 without bore 20 mb 3/5 (cream) 0503500000 20 with thread m 3 and m 5, for ts 32 mb 6/4 (grey) 0334900000 20 with thread m 6 and m 4, for ts 32 mb 5/3 (black) 0553400000 20 with thread m 5 and m 3, for ts 32 tstw tst sh 2 mounting rail support support block mounting bases tstw, tst material thickness 1.8 mm tstw support block for ts 15, ts 32, ts 35 and busbars sh 1 for ts 15 sh 2 for ts 32, ts 35


▲Up To Search▲   

 
Price & Availability of 0642600000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X